Part Number Hot Search : 
100LX TMC261 SA2011 1A5157M0 7323600 34538 580024 00201
Product Description
Full Text Search
 

To Download EMLA350ADA100ME61G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount aluminum electrolytic capacitors low impedance, 105 c cat. no. e1001k @ low impedance, long life @ rated voltage 6.3 to 50v, capacitance 10 to 1,000 m f @ case size f 5 b 5.8l to f 10 b 10l @ suitable for applications requiring long life and low impedance such as equipment in continuous operation, industrial applications, etc. @ solvent resistant type (see precautions and guidelines) @ rohs compliant ? specifications (20c, 120hz) (at 20c after 2 minutes) (20c, 120hz) (120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tane) low temperature characteristics (max. impedance ratio) endurance shelf life items -40 to +105c 6.3 to 50v dc p20%(m) i=0.01cv or 3ma, whichever is greater where, i : max. leakage current ( ma), c : nominal capacitance ( mf), v : rated voltage (v) rated voltage(v dc ) tane (max.) rated voltage(v dc ) z(-25c)/z(+20c) z(-40c)/z(+20c) the following specifications shall be satisfied when the capacitors are restored to 20 c after the rated voltage is applied for 3,000 hours at 105c. capacitance change [p30% of the initial value d.f. (tane) [300% of the initial specified value leakage current [the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 c after exposing them for 1,000 hours at 105c without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change [p30% of the initial value d.f. (tane) [300% of the initial specified value leakage current [the initial specified value characteristics 6.3v 0.28 0.32 0.28 6.3v 4 10 e61 to f61 f80 ha0 to ja0 10v 0.24 0.27 0.24 10v 3 7 16v 0.22 0.24 0.22 16v 2 5 25v 0.16 0.16 0.16 25v 2 3 35v 0.13 0.13 0.13 35v 2 3 50v 0.12 0.12 0.12 50v 2 3 ? dimensions [mm] ? marking fdp0.5 lp0.3 (note) 0.3max. ap0.2 w cp0.2 bp0.2 p note : lp0.5 for ha0 and ja0 size code e61 f61 f80 ha0 ja0 d 5 6.3 6.3 8 10 l 5.8 5.8 7.7 10.0 10.0 a 5.3 6.6 6.6 8.3 10.3 b 5.3 6.6 6.6 8.3 10.3 c 5.9 7.2 7.2 9.0 11.0 w 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 p 1.4 1.9 1.9 3.1 4.5 4r 100 c la ex) 16v100mf rated voltage (v dc ) 6.3 10 16 25 35 50 symbol j a c e v h @ terminal code : a ? part numbering system supplement code size code capacitance tolerance code capacitance code (ex. 10mf:100,100mf:101) taping code terminal code voltage code (ex. 6.3v:6r3,10v:100,50v:500) series code category e m l a a a a a d a a a a a a a g m 134 26 7 8 9 1 0 51 2 1 3 11 16 17 18 1514 mla longer life mvy please refer to "product code guide (surface mount type)" @ rated voltage symbol (1/2)
surface mount aluminum electrolytic capacitors low impedance, 105 c cat. no. e1001k ? standard ratings wv (v dc ) cap (mf) size code tane impedance (omax/20 c, 100khz) rated ripple current (marms/105 c, 100khz) part no. 6.3 47 e61 0.28 1.30 95 emla6r3ada470me61g 100 f61 0.28 0.70 140 emla6r3ada101mf61g 150 f61 0.28 0.70 140 emla6r3ada151mf61g 220 f80 0.32 0.70 230 emla6r3ada221mf80g 330 f80 0.32 0.70 230 emla6r3ada331mf80g 330 ha0 0.28 0.16 600 emla6r3ada331mha0g 470 ha0 0.28 0.16 600 emla6r3ada471mha0g 1,000 ja0 0.28 0.08 850 emla6r3ada102mja0g 10 33 e61 0.24 1.30 95 emla100ada330me61g 47 f61 0.24 0.70 140 emla100ada470mf61g 100 f61 0.24 0.70 140 emla100ada101mf61g 150 f61 0.24 0.70 140 emla100ada151mf61g 220 f80 0.27 0.70 230 emla100ada221mf80g 220 ha0 0.24 0.16 600 emla100ada221mha0g 330 ha0 0.24 0.16 600 emla100ada331mha0g 470 ha0 0.24 0.16 600 emla100ada471mha0g 16 22 e61 0.22 1.30 95 emla160ada220me61g 33 f61 0.22 0.70 140 emla160ada330mf61g 47 f61 0.22 0.70 140 emla160ada470mf61g 100 f61 0.22 0.70 140 emla160ada101mf61g 100 f80 0.24 0.70 230 emla160ada101mf80g 150 f80 0.24 0.70 230 emla160ada151mf80g 220 f80 0.24 0.70 230 emla160ada221mf80g 220 ha0 0.22 0.16 600 emla160ada221mha0g 330 ha0 0.22 0.16 600 emla160ada331mha0g 470 ha0 0.22 0.16 600 emla160ada471mha0g 470 ja0 0.22 0.08 850 emla160ada471mja0g 25 10 e61 0.16 1.30 95 emla250ada100me61g 22 e61 0.16 1.30 95 emla250ada220me61g 22 f61 0.16 0.70 140 emla250ada220mf61g wv (v dc ) cap (mf) size code tane impedance (omax/20c, 100khz) rated ripple current (marms/105 c, 100khz) part no. 25 33 f61 0.16 0.70 140 emla250ada330mf61g 47 f61 0.16 0.70 140 emla250ada470mf61g 47 f80 0.16 0.70 230 emla250ada470mf80g 100 f80 0.16 0.70 230 emla250ada101mf80g 100 ha0 0.16 0.16 600 emla250ada101mha0g 150 ha0 0.16 0.16 600 emla250ada151mha0g 220 ha0 0.16 0.16 600 emla250ada221mha0g 330 ha0 0.16 0.16 600 emla250ada331mha0g 330 ja0 0.16 0.08 850 emla250ada331mja0g 470 ja0 0.16 0.08 850 emla250ada471mja0g 35 10 e61 0.13 1.30 95 EMLA350ADA100ME61G 22 f61 0.13 0.70 140 emla350ada220mf61g 33 f61 0.13 0.70 140 emla350ada330mf61g 33 f80 0.13 0.70 230 emla350ada330mf80g 47 f80 0.13 0.70 230 emla350ada470mf80g 100 f80 0.13 0.70 230 emla350ada101mf80g 100 ha0 0.13 0.16 600 emla350ada101mha0g 150 ha0 0.13 0.16 600 emla350ada151mha0g 220 ha0 0.13 0.16 600 emla350ada221mha0g 220 ja0 0.13 0.08 850 emla350ada221mja0g 330 ja0 0.13 0.08 850 emla350ada331mja0g 50 10 f61 0.12 2.00 70 emla500ada100mf61g 22 f61 0.12 2.00 70 emla500ada220mf61g 33 f80 0.12 1.60 100 emla500ada330mf80g 47 f80 0.12 1.60 100 emla500ada470mf80g 47 ha0 0.12 0.34 350 emla500ada470mha0g 100 ha0 0.12 0.34 350 emla500ada101mha0g 100 ja0 0.12 0.18 670 emla500ada101mja0g 150 ja0 0.12 0.18 670 emla500ada151mja0g 220 ja0 0.12 0.18 670 emla500ada221mja0g (2/2)
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: united chemi-con (ucc): ? emla160ada221mf80g? emla160ada331mha0g? emla160ada471mja0g? emla350ada151mha0g? emla350ada221mja0g? emla6r3ada470me61g? emla350ada101mf80g? emla250ada221mha0g? emla100ada330me61g? emla250ada100me61g? emla6r3ada221mf80g? EMLA350ADA100ME61G? emla350ada101mha0g? emla500ada221mja0g? emla500ada470mha0g? emla6r3ada331mf80g? emla100ada471mha0g? emla100ada101mf61g? emla350ada331mja0g? emla250ada331mja0g? emla6r3ada151mf61g? emla500ada101mha0g? emla500ada101mja0g? emla500ada220mf61g? emla500ada151mja0g? emla250ada101mha0g? emla160ada151mf80g? emla160ada330mf61g? emla100ada221mha0g? emla6r3ada331mha0g? emla160ada471mha0g? emla250ada101mf80g? emla6r3ada102mja0g? emla250ada471mja0g? emla500ada470mf80g? emla250ada470mf61g? emla100ada151mf61g? emla100ada221mf80g? emla100ada331mha0g? emla100ada470mf61g? emla160ada101mf61g? emla160ada101mf80g? emla160ada220me61g? emla160ada221mha0g? emla160ada470mf61g? emla250ada151mha0g? emla250ada220me61g? emla250ada220mf61g? emla250ada330mf61g? emla250ada331mha0g? emla250ada470mf80g? emla350ada220mf61g? emla350ada221mha0g? emla350ada330mf61g? emla350ada330mf80g? emla350ada470mf80g? emla500ada100mf61g? emla500ada330mf80g? emla6r3ada101mf61g? emla6r3ada471mha0g


▲Up To Search▲   

 
Price & Availability of EMLA350ADA100ME61G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X